|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
GBI 25A ... GBI 25M Inline bridge Silicon-Bridge Rectifiers GBI 25A ... GBI 25M Forward Current: 25 A Reverse Voltage: 50 to 1000 V Absolute Maximum Ratings Symbol Conditions Values Units Publish Data Features Mechanical Data Characteristics Symbol Conditions Values Units Dimensions in mm 1 10-04-2006 SCT (c) by SEMIKRON GBI 25A ... GBI 25M Fig. 1 : Forward characteristics (typical values) Fig. 2 : Rated forward current vs. ambient temperature 2 10-04-2006 SCT (c) by SEMIKRON |
Price & Availability of GBI25A06 |